PART |
Description |
Maker |
1286 5405 |
Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes INTERCONNECTION DEVICE Connector Adapter; Convert From:Double Banana Jack; Convert To:Binding Posts; Contact Material:Brass; Features:Attach wires, spade lugs and pin tip plugs by means of insulated knurl thumb knob; Insulator Material:ABS Plastic RoHS Compliant: Yes
|
Pomona Electronics
|
EVAL-ADM1191EBZ1 ADM1191 ADM1191-2ARMZ-R71 |
Digital Power Monitor with Convert Pin and ALERTB O
|
AD[Analog Devices]
|
P6AU-2415E P6AU-0505 P6AU-0505E P6AU-0512E P6AU-05 |
Input voltage:5V, output voltage 3.3V (300mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 15V (70mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 7.2V (140mA), 1KV isolated 1W unregulated single output 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP4 1KV交隔W的未稳压单输出学校改善工 Input voltage:5V, output voltage 12V (100mA), 1KV isolated 1W unregulated single output
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
SFA050XS1-OR |
The Driving Board provides all the Needs to convert Composite video signal to the proper interface of LCD Panel
|
BEYONDINFINITE
|
EC103D175 K1050G70 K1050F70 K1050S70 Q2004D31V Q20 |
3.3-V Phase-Lock Loop Clock Driver 24-TSSOP 0 to 85 DIODE ZENER SINGLE 500mW 14Vz 9mA-Izt 0.05 0.1uA-Ir 10Vr DO35-GLASS 5K/AMMO 晶闸管产品目 Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Gray; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes 晶闸管产品目 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 晶闸管产品目 RECTIFIER BRIDGE 1A 50V 50A-ifsm 1.1V-vf 10uA-ir DFM 50/TUBE 晶闸管产品目 Thyristor Product Catalog 晶闸管产品目 TIP JK 1503-103 INSUL FDTHRUBK 晶闸管产品目 Connector Adapter; Convert From:BNC Coaxial Jack; Convert To:Dual Banana Plugs 晶闸管产品目 DIODE ZENER SINGLE 200mW 6.8Vz 5mA-Izt 0.0588 2uA-Ir 4 SOT-323 3K/REEL 晶闸管产品目 DIODE ZENER SINGLE 300mW 7.5Vz 5mA-Izt 0.0604 1uA-Ir 5 SOT-23 3K/REEL 晶闸管产品目 DIODE ZENER SINGLE 200mW 7.5Vz 5mA-Izt 0.0604 1uA-Ir 5 SOT-323 3K/REEL 晶闸管产品目 DIODE ZENER TRIPLE ISOLATED 200mW 17.95Vz 5mA-Izt 0.0641 0.1uA-Ir 12.6 SOT-363 3K/REEL DIODE SWITCHING DUAL COMMON-ANODE 75V 160mA-Io 250mW 3000ns-trr SOT-23 3K/REEL DIODE SWITCHING DUAL-DUAL SERIES 75V 215mA-Io 200mW 4ns-trr SOT-363 3K/REEL DIODE ZENER TRIPLE ISOLATED 200mW 28Vz 0.05mA-Izt 0.05 0.05uA-Ir 21.2 SOT-363 3K/REEL
|
Aimtron Technology Corp. NEC, Corp. Ecliptek, Corp. Bourns, Inc. NXP Semiconductors N.V. Teccor Electronics
|
AD8592ARM-REEL |
Single CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifier with ±250 mA output Current and a Power-Saving Shutdown ...
|
Analog Devices
|
P8SG-247R2E P8SG-0505E P8SG-1205E P8SG-1212E P8SG- |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P8SG-247R2EM P8SG-0505EM P8SG-1205EM P8SG-1212EM P |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P8SG-XXXXEH52 P8SG-0505EH52 P8SG-1205EH52 P8SG-121 |
Input voltage:24V, output voltage 7.2V (200mA), 5.2KV isolated 1.5W regulated single output 5.2 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 5.2千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P8SG-XXXXEH30M P8SG-0505EH30M P8SG-1205EH30M P8SG- |
Input voltage:24V, output voltage 7.2V (200mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 3千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P6LU-2415EH52 P6LU-0505EH52 P6LU-0512EH52 P6LU-120 |
Input voltage:12V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output 5.2KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 5.2KV隔震1W的未稳压单输出SIP7
|
PEAK[PEAK electronics GmbH]
|